PART |
Description |
Maker |
T100-1-512X T100-1-516X T100-1-520X T100-1-524X T1 |
POWER TRANSFORMER COMMODORE CLASS
|
Ensign Corporation
|
MH1500AM MT500AM MH250AE MH250AJ MH250JE MH1000PR |
POWER TRANSFORMER, 1500 VA POWER TRANSFORMER, 500 VA POWER TRANSFORMER, 250 VA POWER TRANSFORMER, 1000 VA POWER TRANSFORMER, 750 VA
|
|
EF2K0BTZ1318 EF3K0BTZ1318 |
POWER TRANSFORMER, 2000 VA POWER TRANSFORMER, 3000 VA
|
|
C1099-ALD C1099-ALB |
PoE transformer, for MAX5941A, SMT, RoHS SMPS TRANSFORMER Flyback Transformer
|
Coilcraft, Inc. Coilcraft lnc.
|
500L-058X181-502 500T-058X071-501 500T-058X071-502 |
5000:5 A, 1 % ACCURACY CLASS, CURRENT TRANSFORMER 500:5 A, 2 % ACCURACY CLASS, CURRENT TRANSFORMER 4000:5 A, 1 % ACCURACY CLASS, CURRENT TRANSFORMER 400:5 A, 3 % ACCURACY CLASS, CURRENT TRANSFORMER 750:5 A, 1 % ACCURACY CLASS, CURRENT TRANSFORMER 2500:5 A, 1 % ACCURACY CLASS, CURRENT TRANSFORMER 1000:5 A, 1 % ACCURACY CLASS, CURRENT TRANSFORMER 1200:5 A, 1 % ACCURACY CLASS, CURRENT TRANSFORMER 1500:5 A, 1 % ACCURACY CLASS, CURRENT TRANSFORMER
|
GE Industrial Systems
|
14A-56-20B24 14A-5.0-16B14 14A-30-36B41 14A-2.5-28 |
SPLIT BOBBIN POWER TRANSFORMER, 56 VA Laminated Transformers Low Frequency, Open-Style Laminated, International PC Plug-In Series SPLIT BOBBIN POWER TRANSFORMER, 30 VA
|
PULSE ELECTRONICS CORP Pulse A Technitrol Company
|
1812WBT-5LB 1812WBT-5LC 3SD 1812WBT-5LD 1812WBT2-3 |
Wideband RF transformer, SMT, RoHS 48 MHz - 645 MHz RF TRANSFORMER 4 MHz - 105 MHz RF TRANSFORMER 0.8 MHz - 23 MHz RF TRANSFORMER
|
Coilcraft, Inc. COILCRAFT INC
|
CMD6NP-330MB CMD6NP-330MC CMD6NP-270MB CMD6NP-270M |
General Power Transformer <SMD Type: CMD Series General Power Transformer General Power Transformer Type: CMD Series
|
Sumida Corporation
|
LM-NP-1001-B1L LM-LP-1001L LM-NP-1002L BOURNSINC-L |
MAGNETICS-LINE-MATCHING TRANSFORMER TELECOM TRANSFORMER MAGNETICS-LINE-MATCHING TRANSFORMER-LF TELECOM TRANSFORMER Transformers 1KHz 66ohm 10% line matching trans TELECOM TRANSFORMER
|
Bourns, Inc. BOURNS INC
|
WBC9-1LC WBC9-1LB WBC4-1WLC WBC4-14LC WBC4-4LB WBC |
Wideband RF transformer, SMT, RoHS 0.3 MHz - 500 MHz RF TRANSFORMER Wideband RF transformer, SMT, RoHS 0.5 MHz - 1000 MHz RF TRANSFORMER Wideband RF transformer, SMT, RoHS 1.5 MHz - 1200 MHz RF TRANSFORMER Wideband RF transformer, SMT, RoHS 0.25 MHz - 800 MHz RF TRANSFORMER
|
Coilcraft, Inc. COILCRAFT INC
|
WB1010-1-SMLB WB3010-SMLB WB1010-1-PCL WB1015-PCL |
Wideband RF transformer, SMT, RoHS 0.04 MHz - 175 MHz RF TRANSFORMER Wideband RF transformer, SMT, RoHS 0.005 MHz - 100 MHz RF TRANSFORMER Wideband RF transformer, RoHS 0.04 MHz - 175 MHz RF TRANSFORMER Wideband RF transformer, RoHS 0.1 MHz - 150 MHz RF TRANSFORMER
|
Coilcraft, Inc.
|